Part Number Hot Search : 
BZG05C33 GP20A E39CA ML120G10 74LS04 C4503AS1 GD103SD BC559C
Product Description
Full Text Search
 

To Download AP2306AGEN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a p2306agen-h f advanced power n-channel enhancement mode electronics corp. power mosfet capable of 2.5v gate drive bv dss 30v small outline package r ds(on) 50m surface mount device i d 4.1a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 90 /w data and specifications subject to change without notice thermal data parameter 1 operating junction temperature range -55 to 150 continuous drain current 3 , v gs @ 4.5v 3.3 pulsed drain current 1 16 storage temperature range total power dissipation 1.38 -55 to 150 gate-source voltage + 6 continuous drain current 3 , v gs @ 4.5v 4.1 parameter rating drain-source voltage 30 201208081 halogen-free product d g s sot-23 advanced power mosfets utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost- effectiveness device. the sot-23 package is widely used for commercial-industrial applications. g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =4.5v, i d =4a - - 50 m ? v gs =2.5v, i d =3a - - 72 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 0.5 - 1.5 v g fs forward transconductance v ds =10v, i d =3a - 15 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 6v, v ds =0v - - + 30 ua q g total gate charge i d =3a - 8.7 14 nc q gs gate-source charge v ds =15v - 1.3 - nc q gd gate-drain ("miller") charge v gs =4.5v - 3.5 - nc t d(on) turn-on delay time v ds =15v - 65 - ns t r rise time i d =1a - 130 - ns t d(off) turn-off delay time r g =3.3 - 470 - ns t f fall time v gs =5v - 290 - ns c iss input capacitance v gs =0v - 610 1000 pf c oss output capacitance v ds =25v - 60 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.2a, v gs =0v - - 1.2 v t rr reverse recovery time i s =6a, v gs =0 v , - 220 - ns q rr reverse recovery charge di/dt=100a/s - 600 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 270 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP2306AGEN-HF
a p2306agen-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 30 40 50 60 70 02468 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =3a t a =25 o c 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =4a v g =4.5v 0.0 1.0 2.0 3.0 4.0 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.5 1.0 1.5 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 4 8 12 16 20 0.0 2.0 4.0 6.0 8.0 10.0 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 5.0v 4.5v 3.5v 2.5v v g = 2.0 v 0 4 8 12 16 0.0 2.0 4.0 6.0 8.0 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 o c 5.0v 4.5v 3.5v 2.5v v g = 2.0 v
ap2306agen-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge circuit 4 0 200 400 600 800 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 0.0 4.0 8.0 12.0 16.0 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =3a v ds =15v v ds =18v v ds =24v q v g 4.5v q gs q gd q g charge 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 270 /w t t 0.02 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP2306AGEN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X